Part Number Hot Search : 
MR13A 25600 SMAJ45C NJU3430 BAV99 AD7576AQ MP7633KP UPD78
Product Description
Full Text Search
 

To Download SEL402808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-1 Unicolor lamps
3.1 Bow Shaped LEDs
SEL4028 Series
Part Number SEL4628C-S SEL4228C SEL4828A SEL4928A SEL4728K SEL4428E SEL4428B-TG SEL4528C Emitting Color High luminosity red Red Amber Orange Yellow Green Deep green Pure green Lens Color Water clear Water clear Transparent orange Transparent orange Transparent yellow Transparent green Transparent dark blue Water clear Forward Voltage Luminous Intensity Peak Wavelength Dominant Wavelength Spectrum Half Bandwidth Iv P d Conditions Conditions Conditions Conditions Conditions VF (nm) (nm) (nm) (mcd) IF (mA) IF (mA) IF (mA) IF (mA) IF (mA) (V) TYP MAX TYP TYP TYP TYP 1.75 2.2 10 50 20 660 10 642 10 30 10 1.9 2.5 10 27 20 630 10 620 10 35 10 1.9 2.5 10 14 10 610 10 605 10 35 10 1.9 2.5 10 14 10 587 10 590 10 33 10 2.0 2.5 10 30 10 570 10 571 10 30 10 2.0 2.5 10 63 20 560 10 567 10 20 10 2.0 2.5 10 18 20 558 10 564 10 20 10 2.0 2.5 10 30 20 555 10 559 10 20 10 Chip Material GaAlAs GaAsP GaAsP GaAsP GaP GaP GaP GaP
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Dimensional Tolerance: 0.3
0 30 60 30 60
0 30 60 30 60
90 100%
50
0
50
90 100%
90 100%
50
0
50
90 100%
Product Mass: Approx. 0.11 g
LEDs
239
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SEL402808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X